Part Number Hot Search : 
A56A1 40200 ESH1PB 12FR40 ZMY27 CW211 R2000FPT 12FR40
Product Description
Full Text Search
 

To Download SA828 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SA828 Family
Three-Phase PWM Waveform Generator
DS4226 - 2.0 November 1996
The SA828 PWM generator has been designed to provide waveforms for the control of variable speed AC machines, uninterruptible power supplies and other forms of power electronic devices which require pulse width modulation as a means of efficient power control. The six TTL level PWM outputs (Fig. 2) control the six switches in a three-phase inverter bridge. This is usually via an external isolation and amplification stage. The SA828 is fabricated in CMOS for low power consumption. Information contained within the pulse width modulated sequences controls the shape, power frequency, amplitude, and rotational direction (as defined by the red-yellow-blue phase sequence) of the output waveform. Parameters such as the carrier frequency, minimum pulse width, and pulse delay time may be defined during the initialisation of the device. The pulse delay time (underlap) controls the delay between turning on and off the two power switches in each output phase of the inverter bridge, in order to accommodate variations in the turnon and turn-off times of families of power devices. The SA828 is easily controlled by a microprocessor and its fully-digital generation of PWM waveforms gives unprecedented accuracy and temperature stability. Precision pulse shaping capability allows optimum efficiency with any power circuitry. The device operates as a stand-alone microprocessor peripheral, reading the power waveform directly from an internal ROM and requiring microprocessor intervention only when operating parameters need to be changed. An 8-bit multiplexed data bus is used to receive addresses and data from the microprocessor/controller. This is a standard MOTELTM bus, compatible with most microprocessors/controllers. Rotational frequency is defined to 12 bits for high accuracy and a zero setting is included in order to implement DC injection braking with no software overhead. This family is pin and functionally compatible with the MA828 PWM generator . Two standard wave shapes are available to cover most applications. In addition, any symmetrical wave shape can be integrated on-chip to order.
AD3 AD4 AD5 AD6 AD7 WR* (R/W) RD* (DS) ALE* (AS) RST CLK CS TRIP RPHB YPHB
1 2 3 4 5 6 7 8 9 10 11 12 13 14
28 27 26 25 24 23 22
AD2 AD1 AD0
VDD
ZPPB ZPPY ZPPR WSS RPHT SET TRIP YPHT BPHT VSS BPHB
SA828
21 20 19 18 17 16 15
DP28
* = Intel bus format = Motorola bus format
AD3 AD4 AD5 AD6 AD7 WR* (R/W) RD* (DS) ALE* (AS) RST CLK CS TRIP RPHB YPHB
1 2 3 4 5 6 7 8 9 10 11 12 13 14
28 27 26 25 24 23
AD2 AD1 AD0
VDD
ZPPB ZPPY ZPPR WSS RPHT SET TRIP YPHT BPHT VSS BPHB
SA828
22 21 20 19 18 17 16 15
MP28
FEATURES s Fully Digital Operation
Fig. 1 Pin connections - top view (not to scale)
s Interfaces with Most Microprocessors s Wide Power-Frequency Range s 12-Bit Speed Control Accuracy s Carrier Frequency Selectable up to 24kHz s Waveform Stored in Internal ROM s Double Edged Regular Sampling s Selectable Minimum Pulse Width and Underlap Time s DC Injection Braking
ORDERING INFORMATION SA8281/IG/DP1S (28-lead DIL, sine + third harmonic waveform) SA8282/IG/DP1S (28-lead DIL, sine waveform) SA8281/IG/MP1S (28-lead SOIC, Sine + third harmonic waveform) SA8382/IG/MP1S (28-lead SOIC, sine waveform)
MOTEL is a registered Trademark of Intel Corp. and Motorola Corp.
SA828
ELECTRICAL CHARACTERISTICS DC Characteristics
These characteristics are guaranteed over the following conditions (unless otherwise stated): VDD = +5V 5%, TAMB = +25C Characteristic Input high voltage Input low voltage Input leakage current Output high voltage Output low voltage Supply current (static) Supply current (dynamic) Supply voltage Symbol VIH VIL IIN VOH VOL IDD (static) IDD (dynamic) VDD 4*5 4*0 >4*5 <0*2 <10 5*0 0*4 100 20 5*5 Value Min. Typ. Max. 2 0*8 10 V V A V V A mA V VIN = VSS or VDD IOH = - 12mA IOL = 12mA All outputs open circuit fCLK = 10MHz Units Conditions
AC Characteristics
Characteristic Clock frequency Clock duty cycle SET TRIP = 1 outputs tripped TRIP = 0 Symbol fCLK DCLK tTRIP 40 Value Typ. Max. 12*5 60 2/fCLK 3/fCLK 2/fCLK 3/fCLK Units MHz % s s Conditions M : S ratio = 1 : 1 20% fCLK in MHz fCLK in MHz
NOTE 1. For microprocessor interface timings, see Intel and Motorola bus timings (Tables 1 and 2).
ABSOLUTE MAXIMUM RATINGS
Supply voltage, VDD Voltage on any pin Current through any I/O pin Storage temperature Operating temperature range VSS 7V -0*3V to VDD +0*3V 10mA -65C to +125C -40C to +85C
The temperature ranges quoted apply to all package types. Many package types are available and extended temperature
ranges can be offered for some. Further information is available on request. Stresses above those listed in the Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these conditions, or at any other condition above those indicated in the operations section of this specification, is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Pin No. 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
PIN DESCRIPTIONS
Pin No. 1 2 3 4 5 6 Name AD3 AD4 AD5 AD6 AD7 Intel: WR Motorola: R/W Intel: RD Motorola: DS Intel: ALE Motorola: AS Type I I I I I I Function Multiplexed Address/Data Multiplexed Address/Data Multiplexed Address/Data Multiplexed Address/Data Multiplexed Address/Data(MSB) Intel bus control: Write Strobe Motorola bus control: Read/Write select Intel bus control: Read Strobe Motorola bus control: Data Strobe Intel bus control: Address Latch Enable Motorola bus control: Address Strobe Reset internal counters, active low Clock input Chip Select input, active low Output trip status; low = output tripped Name RPHB YPHB BPHB VSS BPHT YPHT SET TRIP RPHT WSS ZPPR ZPPY ZPPB VDD AD0 AD1 AD2 Type O O O P O O I O O O O O P I I I Function Red Phase, Bottom power switch Yellow Phase, Bottom power switch Blue Phase, Bottom power switch Negative power supply (0V) Blue Phase, Top power switch Yellow Phase, Top power switch Set output trip. 120k internal pull-up resistor Red Phase, Top power switch Waveform Sampling Synchronisation Zero Phase Pulse, Red phase Zero Phase Pulse, Yellow phase Zero Phase Pulse, Blue phase Positive power supply Multiplexed Address/Data (LSB) Multiplexed Address/Data Multiplexed Address/Data
7 8
I I
9 10 11 12
RST CLK CS TRIP
I I I O
2
SA828
ZPP O/Ps WSS CS MOTEL INTERFACE

8
BUS CONTROL
RED PHASE
PULSE DELETION PULSE DELAY CIRCUIT RPHT RPHB
SYSTEM BUS AD0-AD7
BUS DEMULTIPLEXER
R0 R1 R2 R3 R4
24-BIT INITIALISATION REGISTER PHASING AND CONTROL LOGIC
YELLOW PHASE
PULSE DELETION PULSE DELAY CIRCUIT YPHT YPHB
24-BIT CONTROL REGISTER
BLUE PHASE
RST PULSE DELETION PULSE DELAY CIRCUIT BPHT BPHB CLOCK CLOCK DIVIDER ADDRESS GENERATOR
TRIP LATCH
TRIP SET TRIP
WAVEFORM ROM
Fig. 2 SA828 internal block diagram
FUNCTIONAL DESCRIPTION
An asynchronous method of PWM generation is used with uniform or `double-edged' regular sampling of the waveform stored in the internal ROM as illustrated in Fig. 3. The triangle carrier wave frequency is selectable up to 24kHz (assuming the maximum clock frequency of 12.5MHz is used), enabling ultrasonic operation for noise critical applications. With 12.5MHz clock, power frequency ranges of up to 4kHz are possible, with the actual output frequency resolved to 12-bit accuracy within the chosen range in order to give precise motor speed control and smooth frequency changing. The output phase sequence of the PWM outputs can also be changed to allow both forward and reverse motor operation. PWM output pulses can be `tailored' to the inverter characteristics by defining the minimum allowable pulse width (the SA828 will delete all shorter pulses from the `pure' PWM pulse train) and the pulse delay (underlap) time, without the need for external circuitry. This gives cost advantages in both component savings and in allowing the same PWM circuitry to be used for control of a number of different motor drive circuits simply by changing the microprocessor software. Power frequency amplitude control is also provided with an overmodulation option to assist in rapid motor braking. Alternatively, braking may be implemented by setting the rotational speed to 0Hz. This is termed `DC injection braking', in which the rotation of the motor is opposed by allowing DC to flow in the windings. A trip input allows the PWM outputs to be shut down immediately, overriding the microprocessor control in the event of an emergency. The Waveform Sampling Synchronisation (WSS) output may be used in conjunction with the ZPP signals to provide feedback of the actual rotational speed from the rotor. This is of particular use in slip compensated systems. Other possible SA828 applications are as a 3-phase waveform generator as part of a switched-mode power supply (SMPS) or of an uninterruptible power supply (UPS). In such applications the high carrier frequency allows a very small switching transformer to be used.
MICROPROCESSOR INTERFACE
The SA828 interfaces to the controlling microprocessor by means of a multiplexed bus of the MOTEL format. This interface bus has the ability to adapt itself automatically to the format and timing of both MOTorola and IntEL interface buses (hence MOTEL). Internally, the detection circuitry latches the status of the DS/RD line when AS/ALE goes high. If the result is high then the Intel mode is used; if the result is low then the Motorola mode is used. This procedure is carried out each time that AS/ALE goes high. In practice this mode selection is transparent to the user. For bus connection and timing information refer to the description relevant to the microprocessor/controller being used. Industry standard microprocessors such as the 8085, 8088, etc. and microcontrollers such as the 8051, 8052 and 6805 are all compatible with the interface on the SA828. This interface consists of 8 data lines, AD0 - AD7 (write-only in this instance), which are multiplexed to carry both the address and data information, 3 bus control lines, labelled WR,RD and ALE in Intel mode and R/W, DS and AS in Motorola mode, and a Chip Select input, CS, which allows the SA828 to share the same bus as other microprocessor peripherals. It should be noted that all bus timings are derived from the microprocessor and are independent of the SA828 clock input.
3
SA828
TRIANGLE WAVE AT CARRIER FREQUENCY, SAMPLING ON +VE AND - VE PEAKS
PWM SWITCHING INSTANTS +1
0
POWER WAVEFORM AS READ FROM INTERNAL ROM
-1 +1 RESULTING PWM WAVEFORM 0
-1
Fig. 3 Asynchronous PWM generation with`double-edged' regular sampling as used by the SA828
t1
ALE AS
t1
t2
RD
t4 t3 t5 t7
t2
WR
t3
t4
DS
t6 t8 t9
R/W
CS
t8
t10 t11
CS
t9
AD0-AD7
t10
t11
t15
LATCH ADDRESS
t12
LATCH DATA
AD0-AD7
t15
LATCH ADDRESS
t12
LATCH DATA
Fig. 4 Intel bus timing definitions
Parameter ALE high period Delay time, ALE to WR WR low period Delay time, WR high to ALE high CS setup time CS hold time Address setup time Address hold time Data setup time Data hold time Symbol t1 t2 t3 t4 t8 t9 t10 t15 t11 t12 Min. 70 40 200 40 20 0 30 30 100 25 Units ns ns ns ns ns ns ns ns ns ns
Fig. 5 Motorola bus timing definitions
Parameter AS high period Delay time, as low to DS high DS high period Delay time, DS low to AS high DS low period DS high to R/W low setup time R/W hold time CS setup time CS hold time Address setup time Address hold time Write data setup time Write data hold time Symbol t1 t2 t3 t4 t5 t6 t7 t8 t9 t10 t15 t11 t12 Min. 90 40 210 40 200 10 10 20 0 30 30 110 30 Units ns ns ns ns ns ns ns ns ns ns ns ns ns
Table 1 Intel bus timings at VDD = 5V, TAMB = +25C
Table 2 Motorola bus timings at VDD = 5V, TAMB = +25C
4
SA828
MICROPROCESSOR BUS TIMING Intel Mode (Fig. 4 and Table 1)
The address is latched by the falling edge of ALE. Data is written from the bus into the SA828 on the rising edge of WR. RD is not used in this mode because the registers in the SA828 are write only. However, this pin must be connected to RD (or tied high) to enable the SA828 to select the correct interface format. Power frequency range This sets the maximum power frequency that can be carried within the PWM output waveforms. This would normally be set to a value to prevent the motor system being operated outside its design parameters. Pulse delay time ('underlap') For each phase of the PWM cycle there are two control signals, one for the top switch connected to the positive inverter DC supply and one for the bottom switch connected to the negative inverter DC supply. In theory, the states of these two switches are always complementary. However, due to the finite and non-equal turn-on and turn- off times of power devices, it is desirable when changing the state of the output pair, to provide a short delay time during which both outputs are off in order to avoid a short circuit through the switching elements. Pulse deletion time A pure PWM sequence produces pulses which can vary in width between 0% and 100% of the duty cycle. Therefore, in theory, pulse widths can become infinitesimally narrow. In practice this causes problems in the power switches due to storage effects and therefore a minimum pulse width time is required. All pulses shorter than the minimum specified are deleted. Counter reset This facility allows the internal power frequency counter of the SA828 to be set to zero, disabling the normal frequency control and giving a 50% output duty cycle.
Motorola Mode (Fig. 5 and Table 2)
The address is latched on the falling edge of the AS line. Data is written from the bus into the SA828 (only when R/W is low) on the falling edge of DS (providing CS is low).
CONTROLLING THE SA828
The SA828 is controlled by loading data into two 24-bit registers via the microprocessor interface. These registers are the initialisation register and the control register. The initialisation register would normally be loaded before motor operation (i.e., prior to the PWM outputs being activated) and sets up the basic operating parameters associated with the motor and inverter. This data would not normally be updated during motor operation. The control register is used to control the PWM outputs (and hence the motor) during operation e.g., stop/start, speed, forward/reverse etc. and would normally be loaded and changed only after the initialisation register has been loaded. As the MOTEL bus interface is restricted to an 8-bit wide format, data to be loaded into either of the 24-bit registers is first written to three 8-bit temporary registers R0, R1 and R2 before being transferred to the desired 24-bit register. The data is accepted (and acted upon) only when transferred to one of the 24-bit registers. Transfer of data from the temporary registers to either the initialisation register or the control register is achieved by a write instruction to a dummy register. Writing to dummy register R3 results in data transfer from R0, R1 and R2 to the control register, while writing to dummy register R4 transfers data from R0, R1 and R2 to the initialisation register. It does not matter what data is written to the dummy registers R3 and R4 as they are not real registers. It is merely the write instruction to either of these registers which is acted upon in order to load the initialisation and control registers. AD2 0 0 0 0 1 AD1 0 0 1 1 0 AD0 0 1 0 1 0 Register R0 R1 R2 R3 R4 Comment Temporary register R0 Temporary register R1 Temporary register R2 Transfers control data Transfers initialisation data
Initialisation Register Programming
The initialisation register data is loaded in 8-bit segments into the three 8-bit temporary registers R0-R2. When all the initialisation data has been loaded into these registers it is transferred into the 24-bit initialisation register by writing to the dummy register R4.
FRS2 FRS1 FRS0
X
X
CFS2 CFS2 CFS2


FREQUENCY RANGE SELECT WORD FRS2 = MSB FRS0 = LSB
DON'T CARE
Fig. 6 Temporary register R1 Carrier frequency selection The carrier frequency is a function of the externally applied clock frequency and a division ratio n, determined by the 3-bit CFS word set during initialisation. The values of n are selected as shown in Table 4.
CFS word Value of n 101 100 011 010 001 000 32 16 8 4 2 1
Table 3 SA828 register addressing
Initialisation Register Function
The 24-bit initialisation register contains parameters which, under normal operation, will be defined during the power-up sequence. These parameters are particular to the drive circuitry used, and therefore changing these parameters during a PWM cycle is not recommended. Information in this register should only be modified while RST is active (i.e. low) so that the PWM outputs are inhibited (low) during the updating process. The parameters set in the initialisation register are as follows: Carrier frequency Low carrier frequencies reduce switching losses whereas high carrier frequencies increase waveform resolution and can allow ultrasonic operation.
Table 4 Values of clock division ratio n The carrier frequency, fCARR, is then given by: k fCARR = 512 x n where k = clock frequency and n = 1, 2, 4, 8, 16 or 32 (as set by CFS) Power frequency range selection The power frequency range selected here defines the maximum limit of the power frequency. The operating power frequency is controlled by the 12-bit Power Frequency Select (PFS) word in the control register but may not exceed the value set here.

CARRIER FREQUENCY SELECT WORD CFS2 = MSB CFS0 = LSB
5
SA828
The power frequency range is a function of the carrier waveform frequency (fCARR) and a multiplication factor m, determined by the 3-bit FRS word. The value of m is determined as shown in Table 5. FRS word Value of m 110 64 101 32 100 16 011 8 010 4 001 2 000 1
CR
PDT6 PDT5 PDT4 PDT3 PDT2 PDT1 PDT0
COUNTER RESET
Table 5 Values of carrier frequency multiplicaion factor m The power frequency range, fRANGE, is then given by: f fRANGE = CARR x m 384 where fCARR = carrier frequency and m = 1, 2, 4, 8, 16, 32 or 64 (as set by FRS).
X
X
PDY5 PDY4 PDY3 PDY2 PDY1 PDY0
DON'T CARE
PULSE DELAY SELECT WORD PDY5 = MSB PDY0 = LSB
Fig. 9 Temporary register R0 Pulse deletion time To eliminate short pulses the true PWM pulse train is passed through a pulse deletion circuit. The pulse deletion circuit compares pulse widths with the pulse deletion time set in the initialisation register. lf a pulse (either positive or negative) is greater than or equal in duration to the pulse deletion time, it is passed through unaltered, otherwise the pulse is deleted. The pulse deletion time, tpd , is a function of the carrier wave frequency and pdt, defined by the 7-bit pulse deletion time word (PDT). The value of pdt is selected as shown in Table 7.
PDT word Value of pdt 1111111 1111110 1 2 ...etc... ...etc... 0000000 128

Fig. 7 Temporary register R2 Pulse delay time The pulse delay time affects all six PWM outputs by delaying the rising edges of each of the outputs by an equal amount. The pulse delay time is a function of the carrier waveform frequency and pdy, defined by the 6-bit pulse delay time select word (PDY). The value of pdy is selected as shown in Table 6.
PDY word Value of pdy 111111 1 111110 2 ...etc... ...etc... 000000 64

The pulse deletion time, tpd, is then given by: pdt tpd = fCARR x 512 where pdt = 1-128 (as set by PDT) and fCARR = carrier frequency. Fig. 10 shows the effect of pulse deletion on a pure PWM waveform. Counter reset When the CR bit is active (i.e., Iow) the internal power frequency phase counter is set to 0 degrees for the red phase. It will remain at 0 degrees until the CR bit is released (i.e., high).
Table 6 Values of pdy The pulse delay time, tpdy, is then given by: pdy fCARR x 512 where pdy = 1- 64 (as set by PDY) and fCARR = carrier frequency. Fig 8 shows the eftect of the pulse delay circuit. It should be noted that as the pulse delay circuit follows the pulse deletion circuit (see Fig. 2), the minimum pulse width seen at the PWM outputs will be shorter than the pulse deletion time set in the initialisation register. The actual shortest pulse generated is given by tpd - tpdy.
tpdy =
PWM SIGNAL REQUIRED AT INVERTER OUTPUT
Control Register Function
This 24-bit register contains the parameters that would normally be modified during PWM cycles in order to control the operation of the motor. The parameters set in the control register are as follows: Power frequency (speed) Allows the power frequency of the PWM outputs to be adjusted within the range specified in the initialisation register Forward/reverse Allows the direction of rotation of the AC motor to be changed by changing the phase sequence of the PWM outputs. Power frequency amplitude By altering the widths of the PWM output pulses while maintaining their relative widths, the amplitude of the power waveform is effectively altered whilst maintaining the same power frequency. Overmodulation Allows the output waveform amplitude to be doubled so that a quasi-squarewave is produced. A combination of overmodulation and a lower power frequency can be used to achieve rapid braking in AC motors. Output inhibit Allows the outputs to be set to the low state while the PWM generation continues internally. Useful for temporarily inhibiting the outputs without having to to change other register contents.
tpdy
OUTPUT SIGNAL TO DRIVE TOP SWITCH INVERTER ARM
tpdy
tpdy
OUTPUT SIGNAL TO DRIVE BOTTOM SWITCH INVERTER ARM
tpdy
tpdy = PULSE DELAY TIME
Fig. 8 Effect of pulse delay on PWM pulse train
6

PULSE DELETION TIME SELECT WORD PDT6 = MSB PDT0 = LSB
Table 7 Values of pdt
SA828
PWM SIGNAL BEFORE PULSE DELETION
>tpd PWM SIGNAL AFTER PULSE DELETION
>tpd
>tpd
>tpd
>tpd
>tpd >tpd
>tpd
PULSE DELETED
PULSE DELETED
tpd = PULSE DELETION TIME
Fig. 10 The effect of the pulse deletion circuit
Control Register Programming
The control register should only be programmed once the initialisation register contains the basic operating parameters of the SA828. As with the initialisation register, control register data is loaded into the three 8-bit temporary registers R0 - R2. When all the data has been loaded into these registers it is transferred into the 24-bit control register by writing to the dummy register R3. It is recommended that all three temporary registers are updated before writing to R3 in order to ensure that a conformal set of data is transferred to the control register for execution.
PFS7 PFS6 PFS5 PFS4 PFS3 PFS2 PFS1 PFS0
Output inhibit selection When active (i.e., Iow) the output inhibit bit INH sets all the PWM outputs to the off (low) state. No other internal operation of the device is affected. When the inhibit is released the PWM outputs continue immediately. Note that as the inhibit is asserted after the pulse deletion and pulse delay circuits, pulses shorter than the normal minimum pulse width may be produced initially. Overmodulation selection The overmodulation bit OM is, in effect, the ninth bit (MSB) of the amplitude word. When active (i.e., high) the output waveform will be controlled in the 100% to 200% range by the amplitude word. The percentage amplitude control is now given by: Overmodulated Amplitude = APOWER + 100% where APOWER = the power amplitude
V

POWER FREQUENCY SELECT WORD BITS 0-7 PFS0 = LSB
Fig. 11 Temporary register R0
F/R OM INH X DON'T CARE PFS11 PFS10 PFS9 PFS8
0
t

OVERMODULATION BIT 0 = DISABLED 1 = ACTIVE FORWARD/ REVERSE BIT 0 = FORWARD 1 = REVERSE
POWER FREQUENCY SELECT WORD BITS 8-11 PFS11 = MSB
V
OVERMODULATION BIT NOT SET (100% MODULATION)
OUTPUT INHIBIT BIT 0 = OUTPUTS DISABLED 1 = OUTPUTS ACTIVE
0
t
Fig. 12 Temporary register R1 Power frequency selection The power frequency is selected as a proportion of the power frequency range (defined in the initialisation register) by the 12bit power frequency select word, PFS, allowing the power frequency to be defined in 4096 equal steps. As the PFS word spans the two temporary registers R0 and R1 it is therefore essential, when changing the power frequency, that both these registers are updated before writing to R3. The power frequency (fPOWER) is given by: fRANGE x pfs 4096 where pfs = decimal value of the 12-bit PFS word and fRANGE = power frequency range set in the initialisation register. fPOWER =
OVERMODULATION BIT SET (200% MODULATION)
Fig. 13 Current waveforms as seen at the motor terminals, showing the effect of setting the overmodulation bit Forward/ reverse selection The phase sequence of the three-phase PWM output waveforms is controlled by the Forward/Reverse bit F/R. The actual effect of changing this bit from 0 (forward) to 1 (reverse) is to reverse the power frequency phase counter from incrementing the phase angle to decrementing it. The required output waveforms are all continuous with time during a forward/ reverse change. In the forward mode the output phase sequence is redyellow-blue and in the reverse mode the sequence is blueyellow-red.
7
SA828
We must calculate the value of pdy that will give the required pulse delay time:
AMP7 AMP6 AMP5 AMP4 AMP3 AMP2 AMP1 AMP0
AMPLITUDE SELECT WORD AMP7 = MSB AMP0 = LSB
pdy fCARR x 512 pdy = tpdy x fCARR x 512 tpdy =
= 5 x 10-6 x 6 x 103 x 512 = 15*4 However, the value of pdy must be an integer. As the purpose of the pulse delay is to prevent `shoot-through' (where both top and bottom arms of the inverter are on simultaneously), it is sensible to round the pulse delay time up to a higher, rather than a lower figure. Thus, if we assign the value 16 to pdy this gives a delay time of 5*2s. From Table 6, pdy = 16 corresponds to a 6-bit PDY word of 110000 in temporary register R2. 4. Setting the pulse deletion time In setting the pulse deletion time (i.e., the minimum pulse width) account must be taken of the pulse delay time, as the actual minimum pulse width seen at the PWM outputs is equal to tpd - tpdy. Therefore, the value of the pulse deletion time must, in this instance, be set 5*2s longer than the minimum pulse length required Minimum pulse length required = 10s tPD to be set to 10s + 5*2s = 15*2s Now, pdt tpd = fCARR x 512
Fig.14 Temporary register R2 Amplitude selection The power waveform amplitude is determined by scaling the amplitude of the waveform samples stored in the ROM by the value of the 8-bit amplitude select word (AMP). The percentage amplitude control is given by: A x 100% Power Amplitude, APOWER = 255 where A = decimal value of AMP.
POWER-UP C0NDITIONS
All bits in both the Initialisation and Control registers powerup in an unidentified state. Holding RST low or using the SET TRIP input will ensure that the PWM outputs remain inactive (i.e., low) until the device is initialised.
SA828 PROGRAMMING EXAMPLE
The following example assumes that a master clock of 12*288 MHz is used (12*288 MHz crystals are readily available). This clock frequency will allow a maximum carrier frequency of 24 kHz and a maximum power frequency of 4 kHz.

Initialisation Register Programming Example
A power waveform range of up to 250Hz is required with a carrier frequency of 6kHz, a pulse deletion time of 10s and an underlap of 5s. 1. Setting the carrier frequency The carrier frequency should be set first as the power frequency, pulse deletion time and pulse delay time are all defined relative to the carrier frequency. We must calculate the value of n that will give the required carrier frequency:
pdt = fpd x fCARR x 512
= 15*2 x 10-6 x 6 x 103 x 512 = 46*7 Again, pdt must be an integer and so must be either rounded up or down - the choice of which will depend on the application. Assuming we choose in this case the value 46 for pdt, this gives a value of tpd, of 15 s and an actual minimum pulse width of 15 - 5*2s = 9*8s. From Table 7, pdt = 46 corresponds to a value of PDT, the 7-bit word in temporary register R0 of 1010010. The data which must be programmed into the three temporary registers R0, R1 and R2 (for transfer into the initialisation register) in order to achieve the parameters in the example given, is shown in Fig. 15.
fCARR = n=
k
512 x n 12*288 x 106 512 x 6 x 103
k = 512 x fCARR
=4
Temporary Register R0 1 CR 1 0 1 0 0 1 0
From Table 4, n = 4 corresponds to a 3-bit CFS word of 010 in temporary register R1. 2. Setting the power frequency range We must calculate the value of m that will give the required power frequency: f fRANGE = CARR x m 384
PDT6 PDT5 PDT4 PDT3 PDT2 PDT1 PDT0 Temporary Register R1
1
0
0
X X
X X
0
1
0
m = fRANGE x 384 = fCARR
250 x 384 6 x 103
= 16
FRS2 FRS1 FRS0
CFS2 CFS2 CFS2
From Table 5, m = 16 corresponds to a 3-bit FRS word of 100 in temporary register R1. 3. Setting the pulse delay time As the pulse delay time affects the actual minimum pulse width seen at the PWM outputs, it is sensible to set the pulse delay time before the pulse deletion time, so that the effect of the pulse delay time can be allowed for when setting the pulse deletion time.
Temporary Register R2 X X X X 1 1 0 0 0 0
PDY5 PDY4 PDY3 PDY2 PDY1 PDY0
Fig. 15
8
SA828
Control Register Programming Example
The control register would normally be updated many times while the motor is running, but just one example is given here. It is assumed that the initialisation register has already heen programmed with the parameters given in the previous example. A power waveform of 100Hz is required with a PWM waveform amplitude of 80% of that stored in the ROM. The phase sequence should be set to give forward motor rotation.The outputs should be enabled and no overmodulation is required.
POWER ON
RST 0
1. Setting the power frequency The power frequency, fPOWER, can be selected to 12-bit accuracy (i.e 4096 equal steps) from 0Hz to fRANGE as defined in the initialisation register. In this case, with fRANGE = 250Hz, the power frequency can be adjusted in increments of 0*06Hz. f fPOWER = RANGE x pfs 4096 fPOWER x 4096 100 x 4096 pfs = = = 1638*4 fRANGE 250 We can only have pfs as an integer, so if we assign pfs = 1638 this gives fPOWER = 99.97 Hz.The 12-bit binary equivalent of this value gives a PFS word of 011001100110 in temporary registers R0 and R1. 2. Setting overmodulation, forward/reverse, output inhibit Overmodulation is not required therefore OM = 0. Forward motor control is required (i.e., the phase sequence of the PWM outputs should be red-yellow-blue) therefore forward/ reverse bit F/R = 0. Output inhibit should be inactive (i e., the outputs should be active), therefore INH= 1. These bits are all set in temporary register R1. 3. Setting the power waveform amplitude A APOWER = x 100% 225 A x 255 80 x 255 A = POWER = = 204 100 100 The 8-bit binary equivalent of this value gives an AMP word of 11001100 in temporary register R2. The data which must be programmed into the three temporary registers R0, R1 and R2 (for transfer into the control register) in order to achieve the parameters in the example given, is shown in Fig. 16.
WRITE INITIALISATION DATA

WRITE R0 WRITE R1 WRITE R2 WRITE R4
WRITE R0 WRITE R1 WRITE R2 WRITE R3
WRITE TO CONTROL REGISTER INHIBITING PWM OUTPUTS BEFORE COMPLETING RESET CYCLE
ENABLE PWM OUTPUTS
RST 1
WRITE CONTROL DATA

WRITE R0 WRITE R1 WRITE R2 WRITE R3
Temporary Register R0 0 1 1 0 0 0 1 1
CHANGE CONTROL DATA ? NO YES
PFS7 PFS6 PFS5 PFS4 PFS3 PFS2 PFS1 PFS0 Temporary Register R1 0 F/R 0 OM 1 INH X X 0 1 1 0
NO
PFS11 PFS10 PFS9 PFS8
CHANGE INITIALISATION DATA ? YES
Temporary Register R2 1 1 0 0 1 1 0 0
AMP7 AMP6 AMP5 AMP4 AMP3 AMP2 AMP1 AMP0
Fig. 16
Fig. 17 Typical SA828 programming routine
9
SA828
HARDWARE INPUT/OUTPUT FUNCTIONS Set Output Trip (SET TRIP input)
The SET TRIP input is provided separately from the microprocessor interface in order to allow an external source to override the microprocessor and provide a rapid shutdown facility. For example, logic signals from overcurrent sensing circuitry or the microprocessor `watchdog' might be used to activate this input. When the SET TRIP input is taken to a logic high, the output trip latch is activated. This results in the TRIP output and the six PWM outputs being latched low immediately. This condition can only be cleared by applying a reset cycle to the RST input. It is essential that when not in use SET TRIP is tied low and isolated from potential sources of noise; on no account should it be left floating. SET TRIP is latched internally at the master clock rate in order to reduce noise sensitivity.
WAVEFORM DEFINITION
The waveform amplitude data used to construct the PWM output sequences is read from the internal 384X8 ROM. This contains the 90 span of the waveform as shown in Fig. 18. Each successive 8-bit sample linearly represents the instantaneous amplitude of the waveform. It is assumed that the waveform is symmetrical about the 90, 180 and 270 axes. The SA828 reconstructs the full 360 waveform by reading the 0-90 section held in ROM and assigning negative values for the second half of the cycle. These samples are used to calculate the instantaneous amplitudes for all three phases, which will be 120 transposed in the normal R-Y-B orientation for forward rotation or B-Y-R for reverse rotation. The 384 8-bit samples are regularly spaced over the 0 to 90 span, giving an angular resolution of approximately 0*23. Waveform segment 0- 30 30*23- 60 60*23- 89*77 Sample number 0 - 127 128 - 255 256 - 383
Output Trip Status (TRIP output)
The TRIP output indicates the status of the output trip latch and is active low.
Reset (RST input)
The RST input performs the following functions when active (low): 1. All PWM outputs are forced low (if not already low) thereby turning off the drive switches. 2. All internal counters are reset to zero (this corresponds to 0 for the red phase output). 3. The rising edge of RST reactivates the PWM outputs resetting the output trip and setting the TRIP output high - assuming that the SET TRIP input is inactive (i.e. Iow). A sixth register, R5, located at A2:O = 101 is used to place the device into a factory test mode. This is achieved by writing dummy data to R5 immediately after RST goes high. Care must be exercised to ensure that the microprocessor/controller cannot write to this register.
Table 8 90 of the 360 cycle is divided into 384 8-bit samples
255
VALUE OF 8-BIT SAMPLE
POWER WAVEFORM
Zero Phase Pulses (ZPPR, ZPPY and ZPPB outputs)
The zero phase pulse outputs provide pulses at the same frequency as the power frequency with a 1 : 2 mark-space ratio. When in the forward mode of operation the falling edge of ZPPR corresponds to 0 for the red phase, the falling edge of ZPPY to 0 for the yellow phase and the ZPPB falling edge to 0 for the blue phase. In the reverse mode, the rising edge of a zero phase pulse corresponds to 0 for the relevant phase PWM output.
0 0 45 PHASE (384-BIT RESOLUTION) 90
Fig. 18 90 sample of typical power waveform
PRODUCT DESIGNATION
Two standard options exist, defining waveform shape. These are designated SA828-1 and SA828-2 as follows: SA828-1 Sine + third harmonic at one-sixth the amplitude of the fundamental: 1 x(t) = A [sin (t) + sin 3(t)] 6 SA828-2 Pure sinewave:
Waveform Sampling Synchronisation (WSS output)
This output provides a square wave signal of 50% duty cycle at a frequency 1536 times higher than the fundamental of the power waveform. Each successive pulse of WSS corresponds to the SA828 reading the next location of the waveform ROM. It may be used in conjunction with the ZPP signals to monitor the position of the machine rotor and may form part of a closed loop control system such as slip compensation.
Clock (CLK input)
The CLK input provides a timing reference used by the SA828 for all timings related to the PWM outputs. The microprocessor interface, however, derives all its timings from the microprocessor and therefore the microprocessor and the SA828 may be run either from the same or from different clocks.
x(t) = A [sin (t)]
Additional wave shapes can be implemented to order, provided they are symmetrical about the 90, 180 and 270 axes. Contact your local Mitel Semiconductor Customer Service Centre for further details.
10
SA828
INVERTER
-
RECTIFIER AND SMOOTHING R Y B SINGLE OR 3-PHASE POWER SUPPLY 3-PHASE VARIABLE VOLTAGE, VARIABLE FREQUENCY WAVEFORM DC LINK 3-PHASE AC INDUCTION MOTOR
+
6
ISOLATOR TTL LEVEL PWM WAVEFORMS
6
FAST SHUTDOWN
SA828
DATA/ADDRESS BUS (AD0-AD7)
8
MICROPROCESSOR OR MICROCONTROLLER WITH ON-CHIP ROM AND RAM
OPTIONAL EXTERNAL RAM
OPTIONAL EXTERNAL ROM
Fig. 19 A typical SA828 application
11
SA828
12
SA828
PACKAGE DETAILS
Dimensions are shown thus: mm (in). For further package information, please contact your local Customer Service Centre.
0-8
28
SPOT REF. CHAMFER REF.
1
10*00/10*64 7*40/7*60 (0*291/0*299) (0*394/0*419)
0*25/0*71 (0*010/0*028) x45
0*41/1*27 (0*016/0*050)
0*36/0*48 (0*014/0*019)
0*23/0*33 (0*009/0*013) 2*36/2*64 (0*093/0*104)
0*74 (0*029) MAX.
28 LEADS AT 1*27 (0*050) NOM. SPACING 17*70/18*10 (0*697/0*713)
0*10/0*30 (0*004/0*012)
NOTES 1. Controlling dimensions are inches. 2. This package outline diagram is for guidance only. Please contact your Mitel Semiconductor Customer Service Centre for further information.
28-LEAD MINIATURE PLASTIC DIL - MP28
1
14*73 (0*58) MAX
PIN 1 REF NOTCH
15.24 (0*6) NOM CTRS
1*14/1*65 (0*045/0*065) 38*10 (1*5) MAX 5*08/(0*200) MAX SEATING PLANE
28 0*23/0*41 (0*009/0*016) 3*05 (0*120) MIN 0*51 (0*02) MIN
NOTES 1. Controlling dimensions are inches. 2. This package outline diagram is for guidance only. Please contact your Mitel Semiconductor Customer Service Centre for further information.
0*38/0*61 (0*015/0*024)
28 LEADS AT 2*54 (0*10) NOM. SPACING
28-LEAD PLASTIC DIL - DP28
13
SA828
HEADQUARTERS OPERATIONS MITEL SEMICONDUCTOR Cheney Manor, Swindon, Wiltshire SN2 2QW, United Kingdom. Tel: (01793) 518000 Fax: (01793) 518411 MITEL SEMICONDUCTOR 1500 Green Hills Road, Scotts Valley, California 95066-4922 United States of America. Tel (408) 438 2900 Fax: (408) 438 5576/6231
Internet: http://www.gpsemi.com CUSTOMER SERVICE CENTRES q FRANCE & BENELUX Les Ulis Cedex Tel: (1) 69 18 90 00 Fax : (1) 64 46 06 07 q GERMANY Munich Tel: (089) 419508-20 Fax : (089) 419508-55 q ITALY Milan Tel: (02) 6607151 Fax: (02) 66040993 q JAPAN Tokyo Tel: (03) 5276-5501 Fax: (03) 5276-5510 q KOREA Seoul Tel: (2) 5668141 Fax: (2) 5697933 q NORTH AMERICA Scotts Valley, USA Tel: (408) 438 2900 Fax: (408) 438 5576/6231 q SOUTH EAST ASIA Singapore Tel:(65) 3827708 Fax: (65) 3828872 q SWEDEN Stockholm Tel: 46 8 702 97 70 Fax: 46 8 640 47 36 q TAIWAN, ROC Taipei Tel: 886 2 25461260 Fax: 886 2 27190260 q UK, EIRE, DENMARK, FINLAND & NORWAY Swindon Tel: (01793) 726666 Fax : (01793) 518582 These are supported by Agents and Distributors in major countries world-wide. (c) Mitel Corporation 1998 Publication No. DS4226 Issue No. 2.0 November 1996 TECHNICAL DOCUMENTATION - NOT FOR RESALE. PRINTED IN UNITED KINGDOM
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company reserves the right to alter without prior notice the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request. All brand names and product names used in this publication are trademarks, registered trademarks or trade names of their respective owners.
14


▲Up To Search▲   

 
Price & Availability of SA828

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X